Part Number Hot Search : 
VCO55CL LTC1994 KT890P15 Z89136 3KE220CA CS18101 G65SC W741C205
Product Description
Full Text Search
 

To Download TC3967 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC3967
REV2_20080516
2 W Packaged Single-Bias PHEMT GaAs Power FETs
FEATURES
* * * * * * * * 2W Typical Output Power 13dB Typical Linear Power Gain at 2.45GHz High Linearity: IP3 = 43 dBm Typical High Power Added Efficiency: Nominal PAE of 35% Breakdown Voltage: BVDGO 15V Wg = 5 mm 100 % DC Tested Suitable for High Reliability Application Lost Cost Ceramic Package
PHOTO ENLARGEMENT
*
DESCRIPTION
The TC3967 is a self-bias Cu-based ceramic packaged device with TC1601N PHEMT GaAs FETs, which is designed to provide the single power supply. The Cu-based ceramic package provides excellent thermal conductivity for the GaAs FET. The device is suitable for oscillator and power amplifiers in a wide range of commercial application. All devices are 100% DC tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (@ 2.45 GHz)
Symbol P1dB GL IP3 PAE IDS BVDGO Rth Linear Power Gain VDS = 8 V Intercept Point of the 3rd-order Intermodulation VDS = 8 V, *PSCL = 20 dBm Power Added Efficiency at 1dB Compression Power Drain-Source Current at VDS = 8 V Drain-Gate Breakdown Voltage at IDGO = 1.2mA Thermal Resistance
15
CONDITIONS Output Power at 1dB Gain Compression Point VDS = 8 V
MIN 32
TYP 33 13 43 35 600 18 8
MAX
UNIT dBm dB dBm % mA Volts C/W
Note: *PSCL: Output Power of Single Carrier Level.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/2
TC3967
REV2_20080516
OUTLINE DIMENSIONS (in inch)
2 PLCS 2 PLCS
4 PLCS
4 PLCS
4 PLCS 4 SIDES
Tape & Reel Package Orientation (mm)
A
TCXXXX
XXXX
TCXXXX
XXXX
TCXXXX
XXXX
TCXXXX
B
XXXX
B
A Section A-A
Ao = 11.50 Bo = 7.50 Ko = 3.10
0.10 mm 0.10 mm 0.10 mm
Section B-B
Standard Reel Size Standard Reel Quantity
7" 400
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P2/2


▲Up To Search▲   

 
Price & Availability of TC3967

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X